PART |
Description |
Maker |
RTL8029AS |
Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
|
ETC
|
RTL8029AS |
Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
|
List of Unclassifed Manufacturers
|
AX92902-17 AX92903-17 AX92904-17 AX92905-17 AX9290 |
Full-size PCI Express Mini Module with Gigabit LAN Full-size PCI Express Mini Module with CAN Bus Full-size PCI Express Mini Module with 32 bit DIO Full-size PCI Express Mini Module with Audio Full-size PCI Express Mini Module with COM Full-size PCI Express Mini Module with SATA
|
Axiomtek Co., Ltd.
|
HSIB891-BGA IB891-D5 HSIB888-BGA |
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
|
List of Unclassifed Manufacturers
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
MSM7510 MSM7510GS-K MSM7510RS |
0.3 kbps DATA, MODEM, PDSO24 300 bps Full Duplex FSK Modem ? ITU-T V.21 300 bps Full Duplex FSK Modem - ITU-T V.21 From old datasheet system
|
OKI ELECTRIC INDUSTRY CO LTD OKI[OKI electronic componets]
|
ADM4851ARZ-REEL7 ADM4852ACPZ-REEL7 ADM4850ARMZ ADM |
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers 5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
|
Analog Devices
|
MX118P |
Full-Duplex Scrambler
|
MX-COM
|
SP490 SP490CN SP490CN_TR SP490CS SP490EN SP491CN_T |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
RTL8019AS |
Full-Duplex Ethernet Controller
|
Realtek
|
SP1490EENTR SP1491EENTR SP1491ECN_TR SP1491ECN SP1 |
Full Duplex RS-485 Transceivers
|
Sipex Corporation
|